Part Number Hot Search : 
CH5001A 2SK4100 599PR2C EE183 BR604 CH5001A HCP12C60 CLE435
Product Description
Full Text Search
 

To Download FESF16DT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FES16JT, FESF16JT, FESB16JT Series
Vishay Semiconductors
formerly General Semiconductor
Ultrafast Plastic Rectifiers
Reverse Voltage 50 to 600V Forward Current 16A Reverse Recovery Time 35/50ns
ITO-220AC (FESF16JT Series)
0.405 (10.27) 0.383 (9.72) 0.188 (4.77) 0.172 (4.36) 0.110 (2.80) 0.100 (2.54) 0.140 (3.56) DIA. 0.130 (3.30) 0.131 (3.39) DIA. 0.122 (3.08)
TO-220AC (FES16JT Series)
0.415 (10.54) MAX. 0.154 (3.91) 0.370 (9.40) 0.360 (9.14) 0.148 (3.74) 0.113 (2.87) 0.103 (2.62) 0.145 (3.68) 0.135 (3.43) 0.410 (10.41) 0.390 (9.91) PIN 1 0.160 (4.06) 0.140 (3.56) 2 1.148 (29.16) 1.118 (28.40) 0.110 (2.79) 0.100 (2.54) 0.560 (14.22) 0.530 (13.46)
CASE 1
0.185 (4.70) 0.175 (4.44) DIA. 0.055 (1.39) 0.045 (1.14) 0.600 (15.5) 0.580 (14.5)
0.676 (17.2) 0.646 (16.4) 0.350 (8.89) 0.330 (8.38)
PIN 2
0.635 (16.13) 0.625 (15.87)
0.350 (8.89) 0.330 (8.38)
0.603 (15.32) 0.573 (14.55) 0.560 (14.22) 0.530 (13.46)
0.191 (4.85) 0.171 (4.35) 0.060 (1.52)
PIN 1 PIN 2
0.110 (2.80) 0.100 (2.54)
PIN 1 PIN 2
0.205 (5.20) 0.195 (4.95)
0.037 (0.94) 0.027 (0.69)
0.022 (0.55) 0.014 (0.36)
0.105 (2.67) 0.095 (2.41) 0.205 (5.20) 0.195 (4.95) 0.037 (0.94) 0.027 (0.68) 0.022 (0.56) 0.014 (0.36)
TO-263AB (FESB16JT Series)
0.411 (10.45) 0.380 (9.65) 0.245 (6.22) MIN K 0.055 (1.40) 0.047 (1.19) 1 K 2 0.624 (15.85) 0.591 (15.00) 0-0.01 (0-0.254) 0.110 (2.79) 0.090 (2.29) 0.027 (0.686) 0.037 (0.940) 0.105 (2.67)
PIN 1 PIN 2 K - HEATSINK
0.190 (4.83) 0.160 (4.06) 0.055 (1.40) 0.045 (1.14)
Mounting Pad Layout TO-263AB
0.42 (10.66)
0.360 (9.14) 0.320 (8.13)
0.33 (8.38) 0.63 (17.02)
Dimensions in inches and (millimeters)
0.021 (0.53) 0.014 (0.36) 0.140 (3.56) 0.110 (2.79)
0.08 (2.032) 0.24 (6.096)
0.095 (2.41)
0.12 (3.05)
0.205 (5.20) 0.195 (4.95)
Features
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * Glass passivated chip junction * Low power loss * High surge current capability * Low forward voltage, high current capability * Superfast recovery times for high efficiency
Mechanical Data
Case: JEDEC TO-220AC, ITO-220AC & TO-263AB molded plastic body Terminals: Plated leads, solderable per MIL-STD-750, Method 2026 High temperature soldering guaranteed: 250C/10 sec. at terminals Polarity: As marked Mounting Position: Any Mounting Torque: 10 in-lbs maximum Weight: 0.08 oz., 2.24 g
www.vishay.com 1
Document Number 88599 15-Jan-03
FES16JT, FESF16JT, FESB16JT Series
Vishay Semiconductors
formerly General Semiconductor
Maximum Ratings
Parameter
Ratings at 25C ambient temperature unless otherwise specified.
Symbol VRRM VRMS VDC IF(AV)
FES 16AT
FES 16BT
FES 16CT
FES 16DT
FES 16FT
FES 16GT
FES 16HT
FES 16JT
Unit V V V A
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TC=100C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) at TC=100C Operating storage and temperature range RMS isolation voltage (FESF) from terminals to heatsink with t = 1.0 second, RH 30%
50 35 50
100 70 100
150 105 150
200 140 200
300 210 300 16.0
400 280 400
500 350 500
600 420 600
IFSM TJ, TSTG VISOL
250.0 -65 to +150 4500 3500(2) 1500(3)
(1)
A C V
Electrical Characteristics
Parameter Maximum instantaneous forward voltage at 16A Maximum DC reverse current at rated DC blocking voltageTC = 100C Maximum reverse recovery time at IF = 0.5A, IR = 1.0A, Irr = 0.25A Typical junction capacitance at 4.0V, 1MHz
Ratings at 25C ambient temperature unless otherwise specified.
Symbol VF IR trr CJ
FES 16AT
FES 16BT
FES 16CT
FES 16DT
FES 16FT
FES 16GT
FES 16HT
FES 16JT
Unit V A
0.975 10 500 35 175
1.30
1.50
50 145
ns pF
Thermal Characteristics (TC = 25C unless otherwise noted)
Parameter Typical thermal resistance from junction to case Symbol RJC FES 1.2 FESF 1.7 FESB 1.2 Unit C/W
Notes: (1) Clip mounting (on case), where lead does not overlap heatsink with 0.110" offset (2) Clip mounting (on case), where leads do overlap heatsink (3) Screw mounting with 4-40 screw, where washer diameter is 4.9mm (0.19") (4) Pulse test: 300s pulse width, 1% duty cycle
Ordering Information
Product FES16JT FESF16JT FESB16JT Case TO-220AC ITO-220AC TO-263AB Package Code 45 45 31 45 81 Package Option Anti-Static tube, 50/tube, 2K/carton Anti-Static tube, 50/tube, 2K/carton 13" reel, 800/reel, 4.8K/carton Anti-Static tube, 50/tube, 2K/carton Anti-Static 13" reel, 800/reel, 4.8K/carton
www.vishay.com 2
Document Number 88599 15-Jan-03
FES16JT, FESF16JT, FESB16JT Series
Vishay Semiconductors
formerly General Semiconductor
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
20 16 12
300 250 200 150
8.0
100
4.0 0
0 50 100 150
Case Temperature (C)
50 0
1
10
100
80
1,000
10
100
10
1
1
0.1
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
0.1 0 20 40 60 80 100
1,000
100
10 0.1 1 10 100
Document Number 88599 15-Jan-03
www.vishay.com 3


▲Up To Search▲   

 
Price & Availability of FESF16DT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X